Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD16NF06LT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD16NF06LT4
Description  N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NF06LT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD16NF06LT4 Datasheet HTML 1Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 2Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 3Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 4Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 5Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD16NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2007
Rev 5
1/14
14
STD16NF06L
STD16NF06L-1
N-channel 60V - 0.060
Ω - 24A - DPAK/IPAK
STripFET™ II Power MOSFET
General features
■ Logic level device
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD16NF06L-1
60V
<0.070
Ω
24A
STD16NF06L
60V
<0.070
Ω
24A
DPAK
3
2
1
1
3
iPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD16NF06L-1
D16NF06L
IPAK
Tube
STD16NF06LT4
D16NF06L
DPAK
Tape & reel


Similar Part No. - STD16NF06LT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD16NF06LT4 VBSEMI-STD16NF06LT4 Datasheet
897Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - STD16NF06LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
P-CHANNEL 30V - 0.025Ω - 24A DPAK/IPAK STripFET™ II POWER MOSFET
May-2002
STD20NF06 STMICROELECTRONICS-STD20NF06 Datasheet
342Kb / 13P
N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET™ II POWER MOSFET
20-Feb-2007
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
N-channel 60V - 0.08Ω - 12A - DPAK - IPAK STripFET™II Power MOSFET
19-Feb-2007
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com