Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC477B Datasheet(PDF) 1 Page - Seme LAB

Part # BC477B
Description  Bipolar PNP Device in a Hermetically sealed TO18
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC477B Datasheet(HTML) 1 Page - Seme LAB

  BC477B Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC477B
Bipolar PNP Device.
V
CEO =
80V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
0.1
A
h
FE
@ 5/2m (V
CE / IC)
110
220
-
f
t
150M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - BC477B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
logo
Central Semiconductor C...
BC477 CENTRAL-BC477 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BC477 CDIL-BC477 Datasheet
99Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Seme LAB
BC477 SEME-LAB-BC477 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
2-Aug-02
logo
Multicomp Pro
BC477 MULTICOMP-BC477 Datasheet
219Kb / 3P
Low Power Bipolar Transistor
25/09/19 V1.0
More results

Similar Description - BC477B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N869A SEME-LAB-2N869A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N2411X SEME-LAB-2N2411X Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N3250X SEME-LAB-2N3250X Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N3251 SEME-LAB-2N3251 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N3962 SEME-LAB-2N3962 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
2N3965 SEME-LAB-2N3965 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
BC478A SEME-LAB-BC478A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
BSX36 SEME-LAB-BSX36 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com