Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS0560Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS0560Z
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0560Z Datasheet(HTML) 1 Page - STMicroelectronics

  STPS0560Z Datasheet HTML 1Page - STMicroelectronics STPS0560Z Datasheet HTML 2Page - STMicroelectronics STPS0560Z Datasheet HTML 3Page - STMicroelectronics STPS0560Z Datasheet HTML 4Page - STMicroelectronics STPS0560Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS0540Z / STPS0560Z
®
January 2002 - Ed : 2B
SCHOTTKY RECTIFIER
s
Very small conduction losses
s
Negligible switching losses
s
Extremely fast switching
FEATURES AND BENEFITS
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packages in SOD-123, these devices are intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
Due to the small size of the package these devices
fit GSM and PCMCIA requirements.
DESCRIPTION
SOD-123
Symbol
Parameter
Value
Unit
STPS
0540Z
0560Z
VRRM
Repetitive peak reverse voltage
40
60
V
IF(RMS)
RMS forward current
2
A
IF(AV)
Average forward current
δ=0.5
STPS0540Z
STPS0560Z
Ta= 60°C
Ta= 40°C
0.5
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
5.5
A
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (limiting values)
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
IF(AV)
0.5 A
VRRM
40 / 60V
VF (max)
0.40 / 0.50V
MAIN PRODUCT CHARACTERISTICS


Similar Part No. - STPS0560Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS0560Z STMICROELECTRONICS-STPS0560Z Datasheet
22Kb / 3P
SCHOTTKY RECTIFIER
Aug-1999
logo
Zibo Seno Electronic En...
STPS0560Z ZSELEC-STPS0560Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - STPS0560Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com