Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS4249 Datasheet(PDF) 1 Page - Sensitron

Part # SS4249
Description  Standard Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS4249 Datasheet(HTML) 1 Page - Sensitron

  SS4249 Datasheet HTML 1Page - Sensitron SS4249 Datasheet HTML 2Page - Sensitron SS4249 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
_
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5084, REV. –
Standard Recovery Rectifier
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -65oC to +175oC
SS4245/US thru SS4249/US
TYPE
NUMBER
PEAK
INVERSE
VOLTAGE
MAX. AVG.
DC OUTPUT
CURRENT
Amps
MAXIMUM
REVERSE
CURRENT
@ PIV
μAmps
MAX. PEAK
FORWARD
VOLTAGE
(PULSED)
PEAK
1 CYCLE
SURGE
CURRENT
MAXIMUM
REVERSE
RECOVERY
TIME
THERM.
RESIS.
RθJL
d=.375”
Volts
55
°C
25
°C
150
°C
V
A
Amps
nsec
°C/W
SS4245/US
SS4246/US
SS4247/US
SS4248/US
SS4249/US
200
400
600
800
1000
1.0
1.0
150
1.3
3.0
25
5000
42


Similar Part No. - SS4249

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS420 LUGUANG-SS420 Datasheet
537Kb / 2P
4A Schottky Rectifier Diodes
logo
MDE Semiconductor, Inc.
SS420MOV MDE-SS420MOV Datasheet
304Kb / 5P
High Energy Thermally Protected SSMOV
logo
Honeywell Accelerometer...
SS421H HONEYWELL-ACC-SS421H Datasheet
466Kb / 5P
Honeywell Sensing and Control
SS421L HONEYWELL-ACC-SS421L Datasheet
164Kb / 6P
Adjustable Hall-Effect Under-speed Detectors
logo
Honeywell Solid State E...
SS42R HONEYWELL-SS42R Datasheet
91Kb / 4P
Solid State Hall-effect Sensors
More results

Similar Description - SS4249

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com