Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1630W Datasheet(PDF) 4 Page - STMicroelectronics

Part # T1630W
Description  16A SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1630W Datasheet(HTML) 4 Page - STMicroelectronics

  T1630W Datasheet HTML 1Page - STMicroelectronics T1630W Datasheet HTML 2Page - STMicroelectronics T1630W Datasheet HTML 3Page - STMicroelectronics T1630W Datasheet HTML 4Page - STMicroelectronics T1630W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T820W / T830W
4/5
100
1000
10000
0.01
0.10
1.00
10.00
tp(ms)
Tj initial=25°C
dI/dt limitation:
50A/µs
ITSM
I²t
ITSM(A), I t (A s)
22
Fig. 6: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and
corresponding value of I
2t.
0
20
40
60
80
100
120
140
160
180
200
220
1
10
100
1000
Number of cycles
Non repetitive
Tj initial=25°C
Repetitive
Tc=80°C
t=20ms
ITSM(A)
Fig. 5: Surge peak on-state current versus number
of cycles.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10
20 30
40
50
60 70
80
90 100 110 120 130
Tj(°C)
IGT
IH & IL
IGT, IH, IL[Tj] / IGT, IH, IL[Tj=25°C]
Fig. 7: Relative variation of gate trigger current,
holding current and latching current versus junc-
tion temperature (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
dV/dt (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
Fig. 8: Relative variation of critical rate of decrease
of main current versus reapplied dV/dt (typical val-
ues).
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
Tj(°C)
(dI/dt)c [Tj] / (dI/dt)c [Tj=125°C]
Fig. 9: Relative variation of critical rate of decrease
of main current versus junction temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com