Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THDT6511D Datasheet(PDF) 3 Page - STMicroelectronics

Part # THDT6511D
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT6511D Datasheet(HTML) 3 Page - STMicroelectronics

  THDT6511D_01 Datasheet HTML 1Page - STMicroelectronics THDT6511D_01 Datasheet HTML 2Page - STMicroelectronics THDT6511D_01 Datasheet HTML 3Page - STMicroelectronics THDT6511D_01 Datasheet HTML 4Page - STMicroelectronics THDT6511D_01 Datasheet HTML 5Page - STMicroelectronics THDT6511D_01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
THDT6511D
3/6
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1mA
65
V
VBO
68
85
V
IRM
VRM =63V
100
µA
IBO
tp = 100
µs
110
450
mA
IBO
F=50Hz
RG = 600
Ω
500
mA
IH
150
mA
αT15
10
-4/°C
C
VD = 100 mVRMS
F = 1KHz
500
pF
dV/dt
Linear ramp up to 67 % of VBR
5kV /
µs
2 - PARAMETERS RELATED TO PROTECTION THYRISTOR
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VF
IF =1A
tp=100
µs
2V
VFP
see curve fig. 1
NA
NA
NA
V
NA : Non Available
1 - PARAMETERS RELATED TO DIODE LINE / GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com