Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G07FS3-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G07FS3-7
Description  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G07FS3-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G07FS3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G07FS3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVC1G07
SINGLE BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVC1G07
Document number: DS32274 Rev. 2 - 2
5 of 13
www.diodes.com
October 2010
© Diodes Incorporated
Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Over recommended free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ
Max
Unit
VOL
High-level Input Voltage
IOL = 100 μA
1.65 V to 5.5 V
0.1
V
IOL = 4 mA
1.65 V
0.45
μA
IOL = 8 mA
2.3 V
0.3
IOL = 16 mA
3 V
0.4
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 5
IOZ
Z State Leakage Current
VO =0 to 5.5 V
3.6 V
± 10
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5 V
0
± 10
μA
ICC
Supply Current
VI = 5.5 V of GND
IO=0
1.65 V to 5.5 V
10
μA
ΔI
CC
Additional Supply Current
Input at VCC –0.6 V
3 V to 5.5 V
500
μA
Ci
Input Capacitance
Vi = VCC – or GND
3.3
3.5
pF
θ
JA
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
204
oC/W
SOT353
(Note 5)
371
oC/W
DFN1410
(Note 5)
430
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
52
oC/W
SOT353
(Note 5)
143
oC/W
DFN1410
(Note 5)
190
oC/W
Notes:
5. Test condition for SOT25, SOT353, and DFN1410: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com