Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G10 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC1G10
Description  SINGLE 3 INPUT POSITIVE NAND GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G10 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC1G10 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC1G10
SINGLE 3 INPUT POSITIVE NAND GATE
74LVC1G10
Document number: DS35121 Rev. 1 - 2
2 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Pin Descriptions
Pin Name
Description
A
Data Input
GND
Ground
B
Data Input
Y
Data Output
Vcc
Supply Voltage
C
Data Input
Logic Diagram
Function Table
Inputs
Output
A
B
C
Y
H
H
H
L
L
X
X
H
X
L
X
H
X
X
L
H
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
Vo
Voltage applied to output in high impedance or IOFF state
-0.5 to 6.5
V
Vo
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous output current
±50
mA
Continuous current through Vdd or GND
±100
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
A
3
4
Y
B
6
C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com