Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV12253L Datasheet(PDF) 1 Page - Seme LAB

Part # CV12253L
Description  Bipolar NPN Device in a Hermetically sealed TO5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CV12253L Datasheet(HTML) 1 Page - Seme LAB

  CV12253L Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CV12253L
Bipolar NPN Device.
V
CEO =
60V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
0.6
A
h
FE
@ 0.4/10m (V
CE / IC)
50
200
-
f
t
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - CV12253L

ManufacturerPart #DatasheetDescription
logo
Pro-Power
CV120LW PROPOWER-CV120LW Datasheet
157Kb / 1P
Weather Resistant Cable Ties Cable Harnessing Accessories
V1.0 13/07/17
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
logo
Wall Industries,Inc.
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
787Kb / 6P
Non-Isolated DC/DC Converters
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CV12S3.3-3000 WALL-CV12S3.3-3000 Datasheet
1Mb / 6P
Output Current up to 3A
More results

Similar Description - CV12253L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N1613L SEME-LAB-2N1613L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
2N2219AL SEME-LAB-2N2219AL Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
2N2891LL SEME-LAB-2N2891LL Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
2N3420AL SEME-LAB-2N3420AL Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
2S306A SEME-LAB-2S306A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
2S307A SEME-LAB-2S307A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
BCY54A SEME-LAB-BCY54A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
BFY50L SEME-LAB-BFY50L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
CV10253L SEME-LAB-CV10253L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
CV10254L SEME-LAB-CV10254L Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com