Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LQNPCHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-LQNPCHIP
Description  PULSE AND AC LIGHT SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LQNPCHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-LQNPCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-LQNPCHIP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
iC-LQNP
PULSE AND AC LIGHT SENSOR
Rev B1, Page 2/10
DESCRIPTION
iC-LQNP is a sensor for pulse and alternating light
with a monolithically integrated photodiode. The de-
vice supersedes conventional photoreceivers, such
as those in light barriers, for example.
Changes in the photocurrent are amplified whereas
the photocurrents caused by background light
are electronically suppressed with over 60 dB (at
100 Hz).
The integrated amplifier forms a band-pass charac-
teristic without using any external components. The
high pass filter suppresses ambient light and low fre-
quency alternating light and the low pass filter re-
duces high frequency noise.
For visible light or near infrared the highest sensi-
tivity for alternating light signals is reached at ap-
proximately 140 kHz; for pulse light this is reached
at 1.4 µs and upwards.
The transimpedance can be selected within a range
of approximately 1 to 10 MΩ via the external load re-
sistor.
iC-LQNP is available as a 4-lead TO18 metal can
package with a glass lens or flat window. Customised
COB versions are also possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com