Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MACHIP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MACHIP
Description  ANGULAR HALL SENSOR / ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MACHIP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MACHIP Datasheet HTML 1Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 2Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 3Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 4Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 5Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 6Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 7Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 8Page - IC-Haus GmbH IC-MACHIP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 3/18
PACKAGES DFN10 according to the JEDEC standard
PIN CONFIGURATION - DFN10 4 mm x 4 mm
iC-MA
...
...yyww
6
9
7
8
10
5
2
4
3
1
PIN FUNCTIONS
No. Name Function
1 NEN
Enable Input, low active
2 GND
Ground
3 CFG2 Configuration Input 2
4 B
Bidirectional Input/Output B
5 A
Bidirectional Input/Output A
6 D
Bidirectional Input/Output D
7 C
Bidirectional Input/Output C
8 CFG3 Configuration Input 3
9 VDD
+5 V Supply Voltage
10 CFG1 Configuration Input 1
The Thermal Pad on the bottom of the package should be connected to Ground (GND) on the PCB.
Orientation of package label (
MA CODE ...) may vary.
PIN CONFIGURATION - Die
2.74 mm x 1.94 mm
1
2
3
4
5
6
7
8
9
10
PIN FUNCTIONS
No. Name Function
1 NEN
Enable Input, low active
2 GND
Ground
3 CFG2 Configuration Input 2
4 B
Bidirectional Input/Output B
5 A
Bidirectional Input/Output A
6 D
Bidirectional Input/Output D
7 C
Bidirectional Input/Output C
8 CFG3 Configuration Input 3
9 VDD
+5 V Supply Voltage
10 CFG1 Configuration Input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com