Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9740C Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 9740C
Description  Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

9740C Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  9740C_09 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Code
Frequency
(MHz)
5
10
9740C-5M-NSA3276A
9740C-10M-NSA3276B
The above frequencies are NDK’ s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
co52_090121_9740C_e
Mobile communication base station
Model Name 9740C
Crystal Oscillator
Main Application
Features
Excellent phase noise characteristics. (Compared to NDK’ s existing products,
phase noise characteristics have improved by 10 dB with the offset frequency at 1
kHz or more.)
Excellent aging characteristics.
Dimensions
List of Ordering Codes
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
40C
40.0 ± 1.0
5 - Φ0.8 ± 0.1
#1
#2
#3
#4
#5
STAND OFF
(6POINTS)
30.48 ± 0.25
(20.32)
Tolerance ±1.0 mm
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
Offset frequency
Max. −90
Max. −120
Max. −140
Max. −150
Max. −155
BDE01
Max. −100
Max. −130
Max. −140
Max. −150
Max. −155
CDE01
Phase noise (dBc/Hz)
Reference Value
PIN Connections
#1
#2
#3
#4
#5
VCC
GND
VCONT
GND
OUTPUT
Specifications
*1 It is based on frequency after 48 hours operation.
Standard nominal frequency (MHz)
Power supply voltage [VCC] (V)
Power consumption (W)
Output level
Load (Ω)
Operating temperature range (℃)
Frequency control characteristics
Control polarity
Case code
Frequency warm-up characteristics
Aging
Frequency / temperature characteristics
Power supply variation characteristics
+25 °C twenty minutes after power is on
Based on frequency after 60 minutes operation
Based on frequency after 48 hours operation
Based on frequency after 48 hours operation
−10 ℃ to +60 ℃
VCC +12 V ±10 %
+5.0 ±4.5 V
Item
Classification
Model
CDE01
BDE01
5
10
+12 ±10 %
Max. 4.5
Min. 1 mW (Min. 0 dBm) Min. 5 mW (Min. 7 dBm)
50
−10 to +60
Max. ±50×10−9
Max. ±0.5×10−9/day
Max. ±2×10−9/Day
Max. ±20×10−9/year
Max. ±80×10−9/Year
Max. ±20×10−9
Max. ±2×10−9
Min. ±0.3×10−6
Min. ±1.0×10−6
Positive
40C
9740C
mm


Similar Part No. - 9740C_09

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
9740C-10M-NSA3276B NDK-9740C-10M-NSA3276B Datasheet
80Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
9740C-5M-NSA3276A NDK-9740C-5M-NSA3276A Datasheet
80Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
More results

Similar Description - 9740C_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCO-639E ETC-TCO-639E Datasheet
39Kb / 1P
Oven Controlled Crystal Oscillator (OCXO)
9161A ETC1-9161A Datasheet
44Kb / 1P
OVEN CONTROLLED CRYSTAL OSCILLTORS (OCXO)
logo
NIHON DEMPA KOGYO
NH37M28LA NDK-NH37M28LA Datasheet
85Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
NH25M22WC NDK-NH25M22WC Datasheet
81Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WA NDK-NH25M22WA Datasheet
82Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
9740C NDK-9740C Datasheet
80Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
NH26M26LG NDK-NH26M26LG Datasheet
306Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH37M28LC NDK-NH37M28LC Datasheet
225Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
logo
Seiko Instruments Inc
OG2525CCN SII-OG2525CCN Datasheet
592Kb / 2P
Oven Controlled Crystal Oscillator (OCXO)
logo
NIHON DEMPA KOGYO
NH25M22WG NDK-NH25M22WG_17 Datasheet
635Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com