Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4ICSYMB4U Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MB4ICSYMB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4ICSYMB4U Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MB4ICSYMB4U Datasheet HTML 1Page - IC-Haus GmbH IC-MB4ICSYMB4U Datasheet HTML 2Page - IC-Haus GmbH IC-MB4ICSYMB4U Datasheet HTML 3Page - IC-Haus GmbH IC-MB4ICSYMB4U Datasheet HTML 4Page - IC-Haus GmbH IC-MB4ICSYMB4U Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev B1, Page 2/5
DESCRIPTION
The MB4U is a PC-USB 2.0 high speed interface BiSS master based on FPGA logic system design.
BiSS Interface Functions and Features:
• Up to 8 BiSS slaves
• RS422 10 MBit/s maximum data transfer rate
• SSI master
• BiSS C unidirectional and BiSS C master
• BiSS master MB100 BiSS IP based
• USB 2.0 interface up to 30 MBit/s data transfer
• USB 1.1 interface compatibility to 12 MBit/s data transfer
• Adapter and devices bus powerable
• Available drivers for Windows 2000, XP, Vista, 7
• FPGA integrated 1st level RAM
CONNECTORS
PIN CONFIGURATION BiSS
PIN FUNCTIONS
No. Name Function
1 VB
Field power supply
2 MA+
Clock output P
3 MA-
Clock output N
4 VDD
Logic power supply
5 MO-
Master data output N
6 GND
Ground (0 V)
7 SL+
Device data input P
8 SL-
Device data input N
9 MO+
Master data output P
PIN CONFIGURATION Mini USB
PIN FUNCTIONS
No. Name Function
1 VCC
5 V USB supply
2 D-
Data -
3 D+
Data +
4 ID
Identifier: A = GND, B n.c.
5 GND
Ground (0 V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com