Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MLEVALML1D Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MLEVALML1D Datasheet HTML 1Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 2Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 3Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 4Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 5Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 6Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 7Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 8Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 3/17
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Supply voltage
-0.3
6
V
G002 V()
Voltages at A, B, C, D, NEN, CFG1,
CFG2
V() < VDD + 0.3 V
-0.3
6
V
G003 Imx(VDD)
Current at VDD
-30
30
mA
G004 Imx(GND)
Current at GND
-30
30
mA
G005 Imx()
Current at A, B, C, D, NEN, CFG1,
CFG2
-10
10
mA
G006 Ilu()
Pulse current (Latch-up immunity)
Pulse width < 10 µs
-100
100
mA
G007 Vd()
ESD-Voltage at all pins
HBM, 100 pF discharged over 1.5 kΩ
2
kV
G008 Ts
Storage temperature
-40
150
°C
THERMAL DATA
Operating conditions: VDD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Ambient temperature
-40
125
°C
T02
Rthja
Thermal resistance chip/ambient
SMD assembly, no additional cooling areas
75
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com