Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MPEVALMP1D Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MPEVALMP1D
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPEVALMP1D Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MPEVALMP1D Datasheet HTML 7Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 8Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 9Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 10Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 11Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 12Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 13Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 14Page - IC-Haus GmbH IC-MPEVALMP1D Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 11/22
OPERATING MODES
Figure 10: Operation Modes
Figure 10 shows the different modes of iC-MP. There
are two major modes of operation:
• Normal Mode:
Readout position data and error bit. Normal mode is
subdivided into two minor modes of operation:
– Fast Scanning Mode:
iC-MP is always activated.
– Slow Scanning Mode (Power Save Mode):
iC-MP goes into Slow Mode Sleep following the
first transmission of sensor data via the serial
interface.
• Programming Mode:
iC-MP can be configured in programming mode. See
the chapter on ’PROGRAMMING MODE’ for further
details. There are three minor modes:
– Read ROM:
iC-MP’s Zener zap ROM structure is read.
– Write RAM:
iC-MP’s internal registers can be temporarily
programmed for test purposes.
– Write ROM:
iC-MP’s zapping structure is programmed.
A Power-On Reset is required after a Read ROM and
Write ROM instruction. Each state is quit by a Power-
On Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com