Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX017 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX017
Description  UHF FM/FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX017 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX017 Datasheet HTML 1Page - CML Microcircuits CMX017 Datasheet HTML 2Page - CML Microcircuits CMX017 Datasheet HTML 3Page - CML Microcircuits CMX017 Datasheet HTML 4Page - CML Microcircuits CMX017 Datasheet HTML 5Page - CML Microcircuits CMX017 Datasheet HTML 6Page - CML Microcircuits CMX017 Datasheet HTML 7Page - CML Microcircuits CMX017 Datasheet HTML 8Page - CML Microcircuits CMX017 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 1999 Consumer Microcircuits Limited
5
D/017/3
Package
D6
Signal
Description
Pin No.
Name
Type
21
GND
GROUND
Ground-plane connection to the modulator and
VCO buffer
22
Vcc1
POWER
Modulator power supply - nominally 3.0V
23
OSCOUT
O/P
Buffered Oscillator (open-collector) output
24
Vcc2
POWER
Power Amplifier Driver power supply
- nominally 3.0V
25
GND
GROUND
Ground-plane connection for the Power Amplifier
Driver
26
MODOUT
O/P
Modulator output
27
GND
GROUND
Ground-plane connection for the Power Amplifier
Driver
28
PAIN
I/P
Power Amplifier input
Notes:
I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com