Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX218 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX218
Description  ISDN Data/Telephony Protocol Engine
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX218 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX218 Datasheet HTML 13Page - CML Microcircuits CMX218 Datasheet HTML 14Page - CML Microcircuits CMX218 Datasheet HTML 15Page - CML Microcircuits CMX218 Datasheet HTML 16Page - CML Microcircuits CMX218 Datasheet HTML 17Page - CML Microcircuits CMX218 Datasheet HTML 18Page - CML Microcircuits CMX218 Datasheet HTML 19Page - CML Microcircuits CMX218 Datasheet HTML 20Page - CML Microcircuits CMX218 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISDN Data and Telephony Protocol Engine (no X.25)
CMX218
© 1999 Consumer Microcircuits Limited
17
D/218/1
© 1999 Chiron Technology Limited
1.5.6
Data Configuration
1.5.6.1 Hayes Command Set
The following Hayes commands are supported:
A
- Answers a call
D
- Dial
E
- Echo Hayes commands or not
H
- Hang-up
I3
- Firmware part number
Q
- Result code display
V
- Result code form
X
- Result code set
&C
- Carrier detect
&D
- Data terminal ready
&F
- Load factory default
&K
- Flow control
&V
- View active and stored profiles
&Z
- Store directory number
Valid Hayes commands are responded to with an 'OK' result code. Invalid commands are rejected with
an 'ERROR' result code.
If when entering an AT command, no command or register name suffix is supplied, a suffix of zero is
assumed. If when changing a register value, no value is supplied a value of zero or an empty string is
assumed: eg ATS0=<CR> is equivalent to ATS0=0<CR>.
If a data call is active when a command is entered, the command will be processed. The ATO
command will respond ‘OK’, but will not then enter the data state: it will stay in the command state.
Where commands set a parameter, these are saved in external EEPROM if they are entered correctly.
The CMX218 will auto-baud and auto-parity on Hayes commands at the following speeds:
9600 bps
19200 bps
38400 bps
57600 bps
115200 bps
The auto-bauding process looks for the characters ‘AT’ or ‘at’ either as 8 bits no parity or 7 bits even,
or odd, parity. An error in the auto-bauding process results in auto-bauding being restarted.
After auto-bauding successfully, the CMX218 waits to receive a complete Hayes command line before
processing it. Embedded spaces are ignored and the case (upper or lower) of characters after the
‘AT’ does not matter. The command line is terminated by <CR>, by 250 characters (not including the
‘AT’) or by a time-out (from successful auto-bauding on an ‘AT’) of 180 seconds.
All characters in the Hayes command, including the ‘AT’ and <CR> terminator are echoed (if E1 is set)
by the CMX218 as they are sent by the DTE.
Receipt of a back space will cause the CMX218 to send a "back space, space, back space" sequence
of characters to the DTE to allow the terminal to clear its screen of the last character. Also the last
character received will be discarded unless the last characters received were the ‘AT’ used for auto-
bauding, ie the ‘AT’ is never deleted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com