Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA64CAT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1SMA64CAT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA64CAT3 Datasheet(HTML) 4 Page - ON Semiconductor

  1SMA64CAT3 Datasheet HTML 1Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 2Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 3Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 4Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1SMA10CAT3 Series
http://onsemi.com
4
RATING AND TYPICAL CHARACTERISTIC CURVES
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
= 10
ms
PEAK VALUE
Ippm
HALF VALUE - Ipp/2
10/1000
ms WAVEFORM
AS DEFINED BY R.E.A.
td
120
100
80
60
40
0
01
2
3
4
20
5
Figure 1. Pulse Rating Curve
10-4
100
0.1
1
10
10
1
0.1
tP, PULSE WIDTH (ms)
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2.
TA = 25°C
0.01
0.001
Figure 2. Pulse Waveform
t, TIME (ms)
Figure 3. Pulse Derating Curve
120
100
80
60
40
0
0
40
80
120
160
TA, AMBIENT TEMPERATURE (°C)
20
200
10 x 1000 WAVEFORM
AS DEFINED BY R.E.A.
1,000
100
1
1
10
100
BIAS VOLTAGE (VOLTS)
1SMA10CAT3G
TJ = 25°C
F = 1 MHz
Figure 4. Typical Junction Capacitance vs.
Bias Voltage
10
1SMA18CAT3G
1SMA48CAT3G
1SMA78CAT3G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com