Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX644AD2 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX644AD2
Description  V.22 and Bell 212A Modem
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644AD2 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX644AD2 Datasheet HTML 17Page - CML Microcircuits CMX644AD2 Datasheet HTML 18Page - CML Microcircuits CMX644AD2 Datasheet HTML 19Page - CML Microcircuits CMX644AD2 Datasheet HTML 20Page - CML Microcircuits CMX644AD2 Datasheet HTML 21Page - CML Microcircuits CMX644AD2 Datasheet HTML 22Page - CML Microcircuits CMX644AD2 Datasheet HTML 23Page - CML Microcircuits CMX644AD2 Datasheet HTML 24Page - CML Microcircuits CMX644AD2 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
21
D/644A/6
1.6
Application Notes
1.6.1
Line Interface
A line interface circuit is needed to provide dc isolation between the modem and the line, to perform line
impedance termination, and to set the correct transmit and receive signal levels.
4-Wire Line Interface
Figure 6a shows an interface circuit for use with a 600
Ω 4-wire line. The line terminations are provided by R10
and R15, while R11 and R13 should be selected to give the desired transmit and receive levels.
When VDD = 5.0V, the gain of the receive input amplifier (R12/R11) should be 6dB (times 2.0) plus whatever
additional gain is required to compensate for the loss of the input transformer. At other values of VDD the
amplifier gain should be multiplied by the ratio VDD/ 5.0.
Thus for R12 = 100k
Ω:
R11 = 100k
Ω ∗ (5.0/VDD) / (Input transformer loss * 2.0)
where the ‘Input transformer loss’ = (Rx level on 4-wire line) / (level at point A of Figure 6a).
Assuming a transformer loss of about 1dB, R11 should be 47k
Ω at VDD = 5.0V, and 68kΩ at 3.3V. The value
of the resistor R11 is optimised for the carrier detect level. Increasing the input gain (by reducing the value of
R11) will improve modem sensitivity.
Note Relay circuit, ac and dc loads and line protection are not shown for clarity.
R10
600
Ω
R14
100k
Ω
C10
100nF
R11
See text
R15
600
Ω
C11
330pF
R12
100k
Ω
C12
330pF
R13
See text
C13
100nF
Resistors
±1%, capacitors ±20%.
Figure 6a 4-Wire Line Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com