Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OF Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-OF
Description  3-BIT OPTO ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OF Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-OF Datasheet HTML 1Page - IC-Haus GmbH IC-OF Datasheet HTML 2Page - IC-Haus GmbH IC-OF Datasheet HTML 3Page - IC-Haus GmbH IC-OF Datasheet HTML 4Page - IC-Haus GmbH IC-OF Datasheet HTML 5Page - IC-Haus GmbH IC-OF Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iC-OF
3-BIT OPTO ENCODER
Rev C1, Page 1/6
2.8mm × 2.08mm
IP
IN
IP
IN
IN
IP
NI0
NI1
NI2
S0
S1
S2
ANALOG
ANALOG
OUTPUT
OUTPUT
OUTPUT
ANALOG
BIAS
OUTPUT
OUTPUT
OUTPUT
PUSH-PULL
PUSH-PULL
PUSH-PULL
DN2
DN1
DN0
TRACK 0
DP2
DP1
DP0
COMPARATOR
COMPARATOR
COMPARATOR
AMPLIFIER
AMPLIFIER
AMPLIFIER
TRACK 2
TRACK 1
VCC
GND
iC-OF
BLCC OF3C
1
8
2
3
6
4
5
7
FEATURES
APPLICATIONS
Ë
Monolithic construction with integrated photodiodes ensures
excellent matching and technical reliability
Ë
Short track spacing of 600 m
Ë
Elimination of dark current effects through differential
scanning
Ë
Photocurrent amplifier with high cut-off frequency
Ë
Comparators with precise signal-related hysteresis
Ë
Current-limited push-pull outputs
Ë
Analog outputs as current source/sink additionally
Ë
Low power consumption from 5V supply voltage
Ë
Low board space requirements
Ë
Options: extended temperature range to -40 °C,
customized packages, COB and reticle assembly
Ë
Optical position decoding for
incremental encoders using the
principle of differential scanning
CHIP
BLOCK DIAGRAM
Copyright © 2000, 2010, iC-Haus
www.ichaus.com


Similar Part No. - IC-OF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OCCDIP16 ICHAUS-IC-OCCDIP16 Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OCCHIP ICHAUS-IC-OCCHIP Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
More results

Similar Description - IC-OF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
5-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
5-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
INCREMENTAL OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
16-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
5-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com