Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX105ADW Datasheet(PDF) 13 Page - CML Microcircuits

Part # MX105ADW
Description  Tone Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105ADW Datasheet(HTML) 13 Page - CML Microcircuits

Back Button MX105ADW Datasheet HTML 7Page - CML Microcircuits MX105ADW Datasheet HTML 8Page - CML Microcircuits MX105ADW Datasheet HTML 9Page - CML Microcircuits MX105ADW Datasheet HTML 10Page - CML Microcircuits MX105ADW Datasheet HTML 11Page - CML Microcircuits MX105ADW Datasheet HTML 12Page - CML Microcircuits MX105ADW Datasheet HTML 13Page - CML Microcircuits MX105ADW Datasheet HTML 14Page - CML Microcircuits MX105ADW Datasheet HTML 15Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Tone Detector
13
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.2 Packaging
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
5°
5°
Figure 6: 16-pin SOIC Mechanical Outline:
Order as part no. MX105ADW
Package Tolerances
NOTE : All dimensions in inches (mm.)
Angles are in degrees
TYP.
MAX.
MIN.
A
B
C
E
E1
H
DIM.
J
J1
P
Y
T
K
L
0.200 (5.06)
0.262 (6.63)
0.390 (9.91).
7e
0.150 (3.81)
0.810 (20.57)
0.135 (3.43)
0.100 (2.54)
0.121 (3.07)
0.300 (7.62)
0.290 (7.37)
0.325 (8.26)
0.015 (0.38)
0.070 (1.77)
0.008 (0.20)
0.015 (0.38)
0.014 (0.35)
0.023 (0.58)
0.040 (1.02)
0.065 (1.65)
0.056 (1.42)
0.064 (1.63)
0.740 (18.80)
0.240 (6.10)
Figure 7: 16-pin PDIP Mechanical Outline:
Order as part no. MX105AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com