Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX118 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX118
Description  FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX118 Datasheet(HTML) 6 Page - CML Microcircuits

  MX118 Datasheet HTML 1Page - CML Microcircuits MX118 Datasheet HTML 2Page - CML Microcircuits MX118 Datasheet HTML 3Page - CML Microcircuits MX118 Datasheet HTML 4Page - CML Microcircuits MX118 Datasheet HTML 5Page - CML Microcircuits MX118 Datasheet HTML 6Page - CML Microcircuits MX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
MX-COM, INC.
MX118
MX118
MX118
MX118
MX118
Specifications
Specifications
Specifications
Specifications
Specifications
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Exceeding the maximum rating can result in device
damage. Operation of the device outside the operating
limits is not suggested.
Supply Voltage
-0.3 to 7.0 V
Input Voltage at any pin
(Ref. V
SS = 0V)
-0.3V to (V
DD + 0.3V)
Output sink/source current
supply pins
±30mA
other pins
±20mA
Total Device Dissipation
@ 25°C
800mW max.
Derating
10mW/°C
Operating Temperature
-10°C to +70°C
Storage Temperature
-40°C to +85°C
Operating Limits
Operating Limits
Operating Limits
Operating Limits
Operating Limits
All devices were measured under the following
conditions unless otherwise noted.
V
DD = 3.75 V
T
AMB = 25°C
Clock = 4.433619 MHz
Audio Level 0dB Ref. = 387 mVrms @ 1 kHz
Noise Bandwidth = 30kHz
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
See Note
See Note
See Note
See Note
See Note
Min.
Min.
Min.
Min.
Min.
T
T
T
T
Typ.
yp.
yp.
yp.
yp.
Max.
Max.
Max.
Max.
Max.
Unit
Unit
Unit
Unit
Unit
Static Values
Static Values
Static Values
Static Values
Static Values
Supply Voltage
3.0
3.75
5.5
V
Supply Current
-
4.0
6.0
mA
Input Impedance, Amplifiers
1.0
10.0
-
M
Ω
Output Impedance
C1, C2
-
200
-
Ω
Amplifiers
-
10.0
-
k
Ω
Logic 1 Voltage
70% V
DD
--
Logic 0 Voltage
-
-
30% V
DD
On-Chip Xtal Oscillator
On-Chip Xtal Oscillator
On-Chip Xtal Oscillator
On-Chip Xtal Oscillator
On-Chip Xtal Oscillator
R
IN
10.0
-
-
M
Ω
R
OUT
-
10.0
-
k
Ω
Inverter Gain
-
10.0
-
V/V
Gain/Bandwidth Product
-
10.0
-
MHz
Dynamic Values
Dynamic Values
Dynamic Values
Dynamic Values
Dynamic Values (Single Channel)
Analog Signal Input Levels
-16.0
-
+3
dB
Carrier Breakthrough
1,2
-
-64.0
-
dB
Baseband Breakthrough
1,2
-
-50.0
-
dB
Carrier Frequency
5
-
3299
-
Hz
Analog Output Noise
3
-
-47.0
-42.0
dB
Upper Cut-off Frequency (-3dB)
3100
-
-
Hz
Passband Ripple (300 to 2950 Hz)
-1.5
-
+1.5
dB
Attenuation at 3.3 kHz
30.0
34.0
-
dB
Passband Gain
-2
0.5
+3
dB
Overall Modulated or De-Modulated Channel Response
Overall Modulated or De-Modulated Channel Response
Overall Modulated or De-Modulated Channel Response
Overall Modulated or De-Modulated Channel Response
Overall Modulated or De-Modulated Channel Response (Scrambler-Descrambler End-to-End)
Passband Frequencies
300
-
2950
Hz
Passband Ripple
-3
-
+2
dB
Passband Gain @ 1 kHz
4
0
1.0
3.0
dB
Distortion
1
-
-
3.0
%
Low Frequency Attenuation @ 150 Hz
26
34
-
dB
NOTES
NOTES
NOTES
NOTES
NOTES
1. Measured with Input Level -3 dB.
2. Single Modulated Channel.
3. Short circuit input, any analog output, in 30 kHz bandwidth.
4. Op Amp gain 0 dB.
5. Accuracy dependent on Xtal/clock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com