Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX613 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX613
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX613 Datasheet HTML 2Page - CML Microcircuits MX613 Datasheet HTML 3Page - CML Microcircuits MX613 Datasheet HTML 4Page - CML Microcircuits MX613 Datasheet HTML 5Page - CML Microcircuits MX613 Datasheet HTML 6Page - CML Microcircuits MX613 Datasheet HTML 7Page - CML Microcircuits MX613 Datasheet HTML 8Page - CML Microcircuits MX613 Datasheet HTML 9Page - CML Microcircuits MX613 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
8
MX613
Preliminary Information
Must-Not Decode Input Level
2
-
-
-46.0
dB
LO Band Frequency Range
4
300
660
Hz
HI Band Frequency Range
4
900
2150
Hz
Frequency Resolution (Table 1)
LO Band
-
-
25.0
Hz
HI Band
-
-
75.0
Hz
Input Signal/White-Noise Ratio (HI & LO Bands)
-
18.0
-
dB
Interrupt Rate
(LO Band)
3
19.0
-
-
/sec
(HI Band)
3
57.0
-
-
/sec
False Decodes Due to Noise
6
-
1.0
-
/2 secs
Outband modulation level limits
for correct decode (f
IN = 340Hz to 620Hz)
5
-
-
10.0
%
Notes
1.
Into a high-impedance load (>1.0M
Ω).
2.
Must decode signal above -25.2dB; Must Not decode signal below -46.0dB.
If a supply other than 3.3 volts is used, levels will change pro-rata.
3.
Under ‘Pure Tone’ input conditions.
4.
For input frequencies of between 661Hz and 899Hz the MX613 will provide no reliable output.
5.
With an amplitude modulating frequency of between 16.0Hz and 100Hz.
6.
Test noise input = 5.0kHz at 100mVrms
Characteristics
See Note
Min.
Typ.
Max.
Unit
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
7°
0°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
5°
5°
Figure 5: 16-pin SOIC Mechanical Outline:
order as part no. MX613DW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com