Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX613DW Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX613DW
Description  Global Call Progress Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX613DW Datasheet(HTML) 5 Page - CML Microcircuits

  MX613DW Datasheet HTML 1Page - CML Microcircuits MX613DW Datasheet HTML 2Page - CML Microcircuits MX613DW Datasheet HTML 3Page - CML Microcircuits MX613DW Datasheet HTML 4Page - CML Microcircuits MX613DW Datasheet HTML 5Page - CML Microcircuits MX613DW Datasheet HTML 6Page - CML Microcircuits MX613DW Datasheet HTML 7Page - CML Microcircuits MX613DW Datasheet HTML 8Page - CML Microcircuits MX613DW Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480086.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USAAll trademarks and service marks are held by their respective companies
Global Call Progress Tone Detector
5
MX613
Preliminary Information
Application Information ......
Band Bit (5)
MSB (4)
(3)
(2)
(1)
LSB (0)
HI-“1”/LO-“0”
Bits 0 to 4 represent the measured frequency in the selected band
Bit 5
Output
First
Bits
0 to 4
= N
When a ‘correct’ decode has been allowed and an interrupt generated, a 6-bit data word will be presented at the Serial
Output Port. This 6-bit word indicates the input frequency's band and value as described below.
As an example, the following binary-word presented at the Serial Output Port
(1 1 0 1 1 0) will indicate a frequency
in the HI Band of between 1680Hz and 1740Hz (Bit-5 = “1” = HI, ‘N’ = 22).
N = int (Frequency x Measurement Period)
Measurement Period
= 39.47ms for Low Band
(300Hz to 660Hz)
= 13.16ms for High Band
(900Hz to 2150Hz)
Note: For input frequencies of between 661Hz and 899Hz the MX613 will give no reliable output.
When a ‘correct’ decode has been allowed and an interrupt generated, a 6-bit data word is presented at the Serial Output
Port. This 6-bit word indicates the input frequency's band (Bit 5) and value ‘N’ as indicated below.
LO Band
HI Band
N
B
5
B
4 B3 B2 B1 B0
LO Band
HI Band
N
B
5
B
4 B3 B2 B1 B0
280
840
11
H/L
01011
505
1515
19
H/L
1
0
0
1
1
285
855
11
510
1530
20
H/L
1
0
1
0
0
290
870
11
515
1545
20
295
885
11
520
1560
20
300
900
11
525
1575
20
305
915
12
H/L
01100
530
1590
20
310
930
12
535
1605
21
H/L
1
0
1
0
1
315
945
12
540
1620
21
320
960
12
545
1635
21
325
975
12
550
1650
21
330
990
13
H/L
01101
555
1665
21
335
1005
13
560
1680
22
H/L
1
0
1
1
0
340
1020
13
565
1695
22
345
1035
13
570
1710
22
350
1050
13
575
1725
22
355
1065
14
H/L
01110
580
1740
22
360
1080
14
585
1755
23
H/L
1
0
1
1
1
365
1095
14
590
1770
23
370
1110
14
595
1785
23
375
1125
14
600
1800
23
380
1140
14
605
1815
23
385
1155
15
H/L
01111
610
1830
24
H/L
1
1
0
0
0
390
1170
15
615
1845
24
395
1185
15
620
1860
24
400
1200
15
625
1875
24
405
1215
15
630
1890
24
410
1230
16
H/L
10000
635
1905
25
H/L
1
1
0
0
1
415
1245
16
640
1920
25
420
1260
16
645
1935
25
425
1275
16
650
1950
25
430
1290
16
655
1965
25
435
1305
17
H/L
10001
660
1980
26
H/L
1
1
0
1
0
440
1320
17
665
1995
26
445
1335
17
670
2010
26
450
1350
17
675
2025
26
455
1365
17
680
2040
26
460
1380
18
H/L
10010
685
2055
27
H/L
1
1
0
1
1
465
1395
18
690
2070
27
470
1410
18
695
2085
27
475
1425
18
700
2100
27
480
1440
18
705
2115
27
485
1455
19
H/L
10011
710
2130
28
H/L
1
1
1
0
0
490
1470
19
715
2145
28
495
1485
19
720
2160
28
500
1500
19
725
2175
28
Table 1 - Decode Frequency Data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com