Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PD3948CHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PD3948CHIP
Description  5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948CHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PD3948CHIP Datasheet HTML 1Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948CHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
preliminary
preliminary
iC-PD3948
5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
Rev B4, Page 2/9
DESCRIPTION
iC-PD3948 is an optical sensor IC with integrated
photodiodes whose signal currents are converted
into output voltages by low-noise transimpedance
amplifiers.
Due to a high transimpedance gain of typically
4 MΩ, output signal voltages of several hundred Mil-
livolts are obtained at illumination levels of just 1 to
3 mW/cm2. In most cases complicated noise sup-
pression measures are thus rendered unnecessary.
As the pin names would suggest, iC-PD3948 is typ-
ically applied as a sine encoder for motor feedback
systems. To this end, iC-PD3948 provides sine and
cosine signals with both a high resolution of 2048
PPR (plus an additional index signal) and a low res-
olution of 1 PPR (at C/D).
All code disc signal tracks are evaluated differentially;
the high resolution sine signals are read by photo-
diodes in a phased array. The layout of the signal
amplifiers is such that there is good paired channel
matching, reducing the time and effort required for
calibration to an absolute minimum.
The spectral sensitivity ranges from visible to near
infrared light, with the maximum sensitivity close to
a wavelength of 680 nm. An output voltage of 1 V
is typical in low light conditions, for instance when iC-
PD is illuminated at only 2 mW/cm2 by a 740 nm LED.
A relatively low LED current is enough to operate the
sensor, proving beneficial to the life expectancy of the
LED at high operating temperatures.
PACKAGES AND CHIP LAYOUT INFORMATION
PAD LAYOUT (2.88 mm x 3.37 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5...5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PSIN
Sine Track +
4 NSIN
Sine Track -
5 PCOS Cosine Track +
6 NCOS Cosine Track -
7 Z
Z Index Signal
8 NZ
Z Index Track -
9 ND
D Track -
10 PD
D Track +
11 NC
C Track -
12 PC
C Track +
13 VRDC D/C Track Reference
14 VRSC S/C Track Reference
15 GND
Ground
Notes: All outputs are analog voltage
outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com