Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV6000 Datasheet(PDF) 14 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button EV6000 Datasheet HTML 10Page - CML Microcircuits EV6000 Datasheet HTML 11Page - CML Microcircuits EV6000 Datasheet HTML 12Page - CML Microcircuits EV6000 Datasheet HTML 13Page - CML Microcircuits EV6000 Datasheet HTML 14Page - CML Microcircuits EV6000 Datasheet HTML 15Page - CML Microcircuits EV6000 Datasheet HTML 16Page - CML Microcircuits EV6000 Datasheet HTML 17Page - CML Microcircuits EV6000 Datasheet HTML 18Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
14
UM6000/3
_rxd
PORT C
bit 1
_lvcp
PORT C
bit 2
( _txd
for EV6040)
_muten
PORT C
bit 3
( _rxeq for EV6040)
If the user wished to manually enable the near end speech path (from TP18 to the line), the following
commands would be entered:
>ok
f!<Return>
>05 08<Return>
; sets HI port A bit 3, energising relay 1
>07 08<Return>
; sets HI port C bit 3, enables speech input (TP18)
><Esc>
>ok
1.6.2.3 Applications Software
(a)
Application/Demonstration Commands
(Press <Esc> to exit these functions)
cas
Follows the CAS detection part of the CIDCW algorithm detailed in the FX602 data
sheet. Near end speech is input between TP18 and VSS (TP1 or TP2 ). If the detect
output is set for a time longer than T1, the near end speech path (TP18 to the line) is
muted. If the detect output then remains set (making a total detect time longer than T3
but less than 65ms) then, after a quiet period of 50ms, the DTMF digit "D"
acknowledgement tone is transmitted down the line.
Once this sequence has been completed, or aborted for not meeting a timing
requirement, the near end speech path is un-muted and the FX602 returned to tone
alert mode.
On the EV6020 board, the line termination resistor R20 (
≈ 600Ω) should be fitted.
Note that this software does not present an off hook dc load to the line.
casd
Operates as above, but two decimal counters are run. The first counts the number of
times the near end speech is muted and the second counts the number of times the
DTMF acknowledgement is sent. The results are displayed and updated in the form:
M=00000000,A=00000000.>
where M represents mutes of the near end speech path and A represents
acknowledgement tones sent.
On the EV6020 board, the line termination resistor R20 (
≈ 600Ω) should be fitted.
Note that this software does not present an off hook dc load to the line.
cast
This enables the user to adjust the CAS detection algorithm timings T1 and T3. The
user is prompted as follows:
T1=3A98>
Type <Return> for no change, or enter the new setting (in
µs) in hex.
e.g.
For T1 = 10ms = 10,000
µs = 2710hex, type 2710<Return>
The user is then prompted to alter T3 in the same way. The default settings are T1 =
15ms = 3A98hex and T3 = 25ms = 61A8hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com