Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1887 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SA1887
Description  High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1887 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SA1887 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1887 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1887
2009-09-30
4
100
0.1
0.001
単発パルス
この過渡熱抵抗データは熱抵
抗制限領域のみ適用されます。
無限大放熱板使用
0.01
0.1
1
10
100
1000
1
10
0.3
0.5
3
5
30
50
放熱板なし
−100
−0.1
−1
直流電流
Tc
= 25°C
−10
−100
−300
−1
−10
−0.3
−0.5
−3
−5
−30
−50
−30
−3
1 ms *
10 ms *
100 ms *
VCEO max
Pulse width tw (s)
rth – tw
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
(1)
(2)
Collector-emitter voltage VCE (V)
Safe Operating Area
DC operation
Tc = 25°C
IC max (pulsed)*
IC max
(continuous)
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com