Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX002 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX002
Description  Signal to Noise Enhancer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX002 Datasheet(HTML) 5 Page - CML Microcircuits

  FX002 Datasheet HTML 1Page - CML Microcircuits FX002 Datasheet HTML 2Page - CML Microcircuits FX002 Datasheet HTML 3Page - CML Microcircuits FX002 Datasheet HTML 4Page - CML Microcircuits FX002 Datasheet HTML 5Page - CML Microcircuits FX002 Datasheet HTML 6Page - CML Microcircuits FX002 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Specification
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating
limits is not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS
= 0V)
-0.3 to (V
DD
+ 0.3V)
Sink/source current (supply pins)
+/- 30mA
(other pins)
+/- 20mA
Total device dissipation @ T
AMB
25°C
800mW Max.
Derating
10mW/°C
Operating temperature range:
FX002DW
-40°C to +85°C
FX002J
-40°C to +85°C
Storage temperature range:
FX002DW
-40°C to +85°C
FX002J
-55°C to +125°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Remarks
Min.
Max.
Unit
Supply Voltage (V
DD)
Note 1
2.5
5.5
V
Operating Temperature
-40.0
+85.0
°C
Xtal/Clock Frequency
(V
DD = 2.5V)
20.0
625
kHz
(V
DD = 5.0V)
0.02
2.5
MHz
Operating Characteristics
All device characteristics are measured under the following conditions unless otherwise specified:
V
DD = 5.0V, TAMB = 25°C. Xtal/Clock Frequency = 560kHz. Input Test Signal = 1.0kHz at 200mVrms.
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Current (I
DD)
-
1.0
2.5
mA
2
-
4.0
-
mA
Output Logic ‘1’
80%
-
-
V
DD
Output Logic ‘0’
-
-
20%
V
DD
Digital Output Impedance
-
4.0
10.0
k
Ω
Dynamic Values
Signal Input Levels
3
10.0
20.0
1000
mVrms
Analogue (Input) Amplifier Gain
4
20.0
-
-
dB
5
9.0
-
-
dB
6
10.0
-
-
dB
Recommended Input Signal Mark-to-Space Ratio
35.0
-
-
%
Freq. In/Freq. Out Ratio
4.0
4.0
Maximum Xtal/Clock Frequency
1
2.5
-
-
MHz
Minimum Xtal/Clock Frequency
-
-
20.0
kHz
Frequency Input Range (Xtal/Clock = 560kHz)
500
-
3000
Hz
(Table 2)
7
1/1200
1/190
Xtal/Clock
Input to Output Delay
8
-
1.4
-
ms
Output Resolution
-
1/6
-
Xtal/Clock
Notes
1. Maximum Xtal/clock frquency allowed varies with applied supply voltage (V
DD).
2. I
DD requirement for Xtal/clock frequency of 2.24MHz.
3. Signal input level required to provide a constant autocorrelated output.
4. Measured with a 6.0kHz sinewave at the signal input.
5. Measured with V
DD = 2.5 volts.
6. Measured with a 12kHz input signal.
7. Recommended input signal frequency range to correlation circuits.
8. Input (Signal In) to output (Output) time with a 2.24MHz Xtal/clock input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com