Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-TL85TO46-2L1 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-TL85TO46-2L1
Description  Infrared LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TL85TO46-2L1 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-TL85TO46-2L1 Datasheet HTML 1Page - IC-Haus GmbH IC-TL85TO46-2L1 Datasheet HTML 2Page - IC-Haus GmbH IC-TL85TO46-2L1 Datasheet HTML 3Page - IC-Haus GmbH IC-TL85TO46-2L1 Datasheet HTML 4Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
iC-TL85 TO46-2L1
Infrared LED
Rev A1, Page 2/4
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur (Ta = 25°C, unless otherwise noted)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 IF
Forward current (DC)
100
mA
G002 IFSM
Surge forward current
tp ≤ 10µs, 5 % duty cycle
1500
mA
G003 VR
Reverse voltage
5
V
G004 P
Power dissipation
150
mW
G005 Tj
Junction temperature
-40
125
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
125
°C
T02
Ts
Storage Temperature Range
-40
125
°C
T03
Tpk
Soldering Temperature
tpk < 5 s, 3 mm from case
260
°C
T04
Rthja
Thermal Resistance Junction To
Ambient
350
K/W
AMBIENT TEMPERATURE [°C]
THERMAL DERATING CURVE
125
100
150
100
50
75
50
25
0
Figure 1: Maximum power dissipation with respect to temperature
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Electrical and Optical Characteristics
001
VF
Forward voltage
IF = 20 mA
1.4
1.8
002
VR
Reverse voltage
IR = 5 µA
5
V
003
Φe
Radiant power
IF = 20 mA
1.1
1.8
mW
004
TK(Φe)
Temperature coefficient of radiant
power
IF = 20 mA, Tamb = 25°C...125°C
-0.6
%/K
005
λ p
Peak wavelength
IF = 20 mA
840
850
860
nm
006
∆λ
Spectral half width
IF = 20 mA
30
nm
008
tr, tf
Switching time
IF = 20 mA
12
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com