Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM8600 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APM8600
Description  SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8600 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APM8600 Datasheet HTML 3Page - Diodes Incorporated APM8600 Datasheet HTML 4Page - Diodes Incorporated APM8600 Datasheet HTML 5Page - Diodes Incorporated APM8600 Datasheet HTML 6Page - Diodes Incorporated APM8600 Datasheet HTML 7Page - Diodes Incorporated APM8600 Datasheet HTML 8Page - Diodes Incorporated APM8600 Datasheet HTML 9Page - Diodes Incorporated APM8600 Datasheet HTML 10Page - Diodes Incorporated APM8600 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APM8600
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER
WITH 28V OVP AND PROGRAMMABLE CHARGE TIMER
APM8600
Document number: DS35140 Rev. 1 - 2
7 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Functional Description
APM8600 is a linear Li-Ion battery charger device for single-cell applications. Charge currents can be programmed with the
RSETI resistor. The device also incorporates several safety features, such as charge timers, battery temperature monitoring
and internal thermal limiting.
Functional State Diagram
ANY STATE
EN = HIGH
OR
VIN < VBAT
OR
VIN < 4.0V
OR
VIN > 7.5V
EN = LOW
AND VIN > VBAT
AND VIN > 4.0V
AND VIN < 7.5V
VBAT > 3V
Reset Timer
VBAT < 2.82V
Reset Timer
IBAT < 112.5 / RSETI
Reset Timer
IBAT > 172.5 / RSETI
Reset Timer
RTHM < 315Ω
OR
(RTHM > 3.94kΩ
AND RTHM < 28.3kΩ)
(RTHM > 315Ω
AND RTHM < 3.94kΩ)
OR
RTHM > 28.3kΩ
RTHM < 315Ω
OR
(RTHM > 3.94kΩ
AND RTHM < 28.3kΩ)
(RTHM > 315Ω
AND RTHM < 3.94kΩ)
OR
RTHM > 28.3kΩ
Time out
VBAT < 4.05V
Reset Timer
IBAT > 112.5 / RSETI
AND Time out
VBAT < 3V
AND Time out
DISABLE
POK
1
FLT
1
CHG
1
IBAT
0A
PREQUAL
POK
0
FLT
1
CHG
1
IBAT
150 / RSETI
Timer Hold
THM
POK
0
FLT
1
CHG
1
IBAT
0A
TOP-OFF
POK
0
FLT
1
CHG
1
CHARGE
POK
0
FLT
1
CHG
0
IBAT (DC)
1500 / RSETI
DONE
POK
0
FLT
1
CHG
1
IBAT
0A
Timer Hold
THM
POK
0
FLT
1
CHG
0
IBAT
0A
FAULT
POK
0
FLT
0
CHG
1
IBAT
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com