Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX105AD4 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX105AD4
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AD4 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX105AD4 Datasheet HTML 5Page - CML Microcircuits FX105AD4 Datasheet HTML 6Page - CML Microcircuits FX105AD4 Datasheet HTML 7Page - CML Microcircuits FX105AD4 Datasheet HTML 8Page - CML Microcircuits FX105AD4 Datasheet HTML 9Page - CML Microcircuits FX105AD4 Datasheet HTML 10Page - CML Microcircuits FX105AD4 Datasheet HTML 11Page - CML Microcircuits FX105AD4 Datasheet HTML 12Page - CML Microcircuits FX105AD4 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
9
D/105A/5
1.6.2.7 Calculate RWC3A (C3A = C3B) Use nearest preferred values.
RWC3A » TWORD/ [-3In (1 - VTH/ VIN
MIN
) ]
where VTH is the word filter
sensitivity, see Section 1.7.1
A signal amplitude of 200mV and a resistor value RW of 465kΩ with a 220nF capacitor for C3A and
C3B will yield a TWORD time of 41msec. This in turn yields a response time of 9msec + 41msec =
50msec.
1.6.2.8 Calculate the Maximum De-response Time
TOFF » -3 RWC3A In (VTH/ VIN
MAX
)
where VTH is the word filter
sensitivity, see Section 1.7.1
For improved de-response time, a diode (1N914 or similar) can be placed between pins 5 and 6, as
shown in Figure 2. The formula and figure below show the approximate time the FX105A will take to
turn off after an in-band signal has been removed. The effect of this diode is to greatly reduce the
turn-off time with signal input amplitudes greater than 300mVrms. Figure 4 is for VDD = 5V; for lower
VDD then KDT increases.
TOFF » KDTRWC3A
So for a maximum signal amplitude of 400mV, a resistor value RW of 465kΩ with a 220nF capacitor
for C3A and C3B and a diode between pins 5 and 6, a de-response time of ≈ 363msec is obtained.
Figure 4 KDT Factor for TOFF vs. Signal Input Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com