Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3017SSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMS3017SSD
Description  ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3017SSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMS3017SSD Datasheet HTML 1Page - Diodes Incorporated DMS3017SSD Datasheet HTML 2Page - Diodes Incorporated DMS3017SSD Datasheet HTML 3Page - Diodes Incorporated DMS3017SSD Datasheet HTML 4Page - Diodes Incorporated DMS3017SSD Datasheet HTML 5Page - Diodes Incorporated DMS3017SSD Datasheet HTML 6Page - Diodes Incorporated DMS3017SSD Datasheet HTML 7Page - Diodes Incorporated DMS3017SSD Datasheet HTML 8Page - Diodes Incorporated DMS3017SSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DMS3017SSD
Document number: DS35052 Rev. 2 - 2
5 of 10
www.diodes.com
October 2010
© Diodes Incorporated
DMS3017SSD
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
1,000
100
C
iss
C
rss
C
oss
f = 1MHz
0
5
10
15
20
25
30
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
02
4
6
8
10
12
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 15V
I = 10A
DS
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com