Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1953 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1953
Description  General Purpose Amplifier Applications Switching and Muting Switch Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1953 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1953_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1953_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1953_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1953_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1953_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1953
2007-11-01
1
TOSHIBA Transistor
Silicon PNP Epitaxial Type (PCT process)
2SA1953
General Purpose Amplifier Applications
Switching and Muting Switch Application
• Low saturation voltage: VCE (sat) (1) = −15 mV (typ.)
@IC = −10 mA/IB = −0.5 mA
• Large collector current: IC = −500 mA (max)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−15
V
Collector-emitter voltage
VCEO
−12
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−500
mA
Base current
IB
−50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SA1953_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
More results

Similar Description - 2SA1953_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1955 TOSHIBA-2SA1955 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SC5232 TOSHIBA-2SC5232 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SC5233 TOSHIBA-2SC5233 Datasheet
159Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1955 TOSHIBA-2SA1955_07 Datasheet
437Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955F TOSHIBA-2SA1955F Datasheet
131Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1955FV TOSHIBA-2SA1955FV Datasheet
223Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954-B TOSHIBA-2SA1954-B Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com