Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX579 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 2Page - CML Microcircuits FX579 Datasheet HTML 3Page - CML Microcircuits FX579 Datasheet HTML 4Page - CML Microcircuits FX579 Datasheet HTML 5Page - CML Microcircuits FX579 Datasheet HTML 6Page - CML Microcircuits FX579 Datasheet HTML 7Page - CML Microcircuits FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits FX579 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
6
D/579/4
1.4
External Components
External Components
Component
Value
Tolerance
Component
Value
Tolerance
R1
1M
Ω
±10%
C3
Note 2
±20%
R2
Note 1
± 5%
C4
Note 2
±20%
X1
Note 3
C5
Note 3
C1
100nF
±20%
C6
Note 3
C2
100nF
±20%
C7
Note 1
±5%
Notes:
1.
The RC network formed by R2 and C7 is required between the TXOP pin and the input to the modulator. This network, which can
form part of any dc level shifting and gain adjustment circuitry, forms an important part of the transmit signal filtering. The ground
connection to the capacitor C7, should be positioned to give maximum attenuation of high frequency noise into the modulator.
The component values should be chosen so that the product of the resistance (Ohms) and the capacitance (Farads) is:
BT of 0.3 = 0.34/bit rate (bits/sec)
BT of 0.5 = 0.21/bit rate (bits/sec)
with suitable values for common bit rates being:
R2
C7
4000 bits/sec
BT = 0.3
180.0k
Ω
470pF
4800 bits/sec
BT = 0.5
91.0k
Ω
470pF
8000 bits/sec
BT = 0.3
91.0k
Ω
470pF
9600 bits/sec
BT = 0.5
47.0k
Ω
470pF
19 200 bits/sec
BT = 0.5
91.0k
Ω
120pF
32 000 bits/sec
BT = 0.3
47.0k
Ω
220pF
32 000 bits/sec
BT = 0.5
47.0k
Ω
150pF
38 400 bits/sec
BT = 0.3
47.0k
Ω
180pF
38 400 bits/sec
BT = 0.5
47.0k
Ω
120pF
Note that in all cases the value of R2 should not be less than 47.0k
Ω and that the calculated value of C7 includes calculated
parasitic capacitances.
2.
C3 and C4 should both be 15.0nF for a data rate of 8kbits/sec, and inversely proportional to the data rate for other data rates, e.g.
30.0nF at 4kbits/sec, 3.0nF at 40kbits/sec.
3.
The FX579 can operate correctly with Xtal/Clock frequencies between 1.0MHz and 6.5MHz (VDD = 5V) and up to 5.0MHz
(VDD = 3V). The value chosen for C5 and C6 should be suitable for the applied VDD and the frequency of X1 and include stray
capacitance. As a guide:
At 5 Volts, C5 = C6 = 33.0pF at 1.0MHz falling to 18pF at 6.5MHz
At 3 Volts, C5 = C6 = 33.0pF at 1.0MHz falling to 18pF at 5MHz
The equivalent series resistance of X1 should be less than 2.0k
Ω at 1MHz falling to 150Ω at the maximum frequency. Stray
capacitance on the Xtal/Clock circuit pins must be minimised.
Figure 2 Recommended External Components (SOIC Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com