Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1971 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1971
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1971 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1971 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1971 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1971 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1971 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1971
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
Collector current IC (mA)
VBE (sat) – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
VCE (sat) – IC
−500
0
0
−400
−300
−200
−100
−0.4
−0.6
−0.8
−1
−1.2
−0.2
Common emitter
VCE = −5 V
Ta = 100°C
25
−55
1000
3
−1
300
100
10
5
−10
−100
−1000
Ta = −55°C
25
100
Common emitter
VCE = −5 V
30
50
500
−500
0
0
−400
−300
VCC
−100
−2
−4
−8
−12 −14
−20
Common emitter
Ta = 25°C
−20
−1
−10
IB = −0.5 mA
−40
−2
−5
−60
−100
−80
−6
−10
−16 −18
−1
−1
−3
−10
−30
−300
−3
−10
−30
−1000
−3000
*: Single nonrepetitive
pulse Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
10 μs*
100 μs*
300 μs*
DC operation
Ta = 25°C
250 mm
2 × 0.8 t
Mounted on a
ceramic substrate
1 ms*
10 ms*
−100
−300
−100
−1000
100 ms*
−0.1
−1
−10
Ta = 100°C
25
−10
−100
−500
−0.3
−0.5
−1
−3
Common emitter
IC/IB = 10
−55
−5
−1
−30
−0.03
−1
−3
−0.3
−0.1
−10
−100
−1000
Common emitter
IC/IB = 10
Ta = −55°C
25
100
−0.05
−0.5
−5
−10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com