Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602D4 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX602D4
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602D4 Datasheet(HTML) 5 Page - CML Microcircuits

  FX602D4 Datasheet HTML 1Page - CML Microcircuits FX602D4 Datasheet HTML 2Page - CML Microcircuits FX602D4 Datasheet HTML 3Page - CML Microcircuits FX602D4 Datasheet HTML 4Page - CML Microcircuits FX602D4 Datasheet HTML 5Page - CML Microcircuits FX602D4 Datasheet HTML 6Page - CML Microcircuits FX602D4 Datasheet HTML 7Page - CML Microcircuits FX602D4 Datasheet HTML 8Page - CML Microcircuits FX602D4 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
5
D/602/7
Packages
D4 / P3
Signal
Description
Pin No.
Name
Type
12
IRQN
O/P
An open-drain active low output that may be
used as an Interrupt Request / Wake-up input to
the associated µC. An external pull-up resistor
should be connected between this output and
VDD.
13
DET
O/P
A logic level output driven by the Ring or Line
Polarity Reversal Detector, the Tone Alert
Detector or the FSK Level detect circuits,
depending on the operating mode. See section
1.5.1.
14
RXCK
I/P
A logic level input which may be used to clock
received data bits out of the FSK Data Retiming
block.
15
RXD
O/P
A logic level output carrying either the raw output
of the FSK Demodulator or re-timed 8-bit
characters depending on the state of the RXCK
input. See section 1.5.6
16
VDD
Power
The positive supply rail. Levels and thresholds
within the device are proportional to this voltage.
Should be decoupled to VSS by a capacitor
mounted close to the device pins.
Notes:
I/P
= Input
I/P (S) = Schmitt trigger input
O/P
= Output
BI
= Bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com