Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX602P3 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX602P3
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 10Page - CML Microcircuits FX602P3 Datasheet HTML 11Page - CML Microcircuits FX602P3 Datasheet HTML 12Page - CML Microcircuits FX602P3 Datasheet HTML 13Page - CML Microcircuits FX602P3 Datasheet HTML 14Page - CML Microcircuits FX602P3 Datasheet HTML 15Page - CML Microcircuits FX602P3 Datasheet HTML 16Page - CML Microcircuits FX602P3 Datasheet HTML 17Page - CML Microcircuits FX602P3 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
14
D/602/7
1.6
Application Notes
1.6.1
'On-Hook' Operation
Figures 8a to 8c below illustrate the line signalling and FX602 I/O signals for typical 'On-Hook' (Calling Line ID)
BT and Bellcore system use.
The BT Tone Alert signal consists of simultaneous 2130Hz and 2750Hz tones. The 'Chan Seize' signal consists
of a '1010..' FSK bit sequence in all cases.
Note that the Data Retiming function is not used in these examples (RXCK is kept high).
Figure 8a : BT System signals
Figure 8b : Bellcore System signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com