Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2056 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA2056
Description  High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2056 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA2056 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2056 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2056 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2056 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2056 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2056
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2056
High-Speed Switching Applications
DC-DC Converter Applications
Strobe Applications
• High DC current gain: hFE = 200 to 500 (IC = −0.5 A)
• Low collector-emitter saturation voltage: VCE (sat) = −0.2 V (max)
• High-speed switching: tf = 90 ns (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
DC
IC
−2.0
Collector current
Pulse
ICP
−3.5
A
Base current
IB
−200
mA
t = 10 s
1000
Collector power
dissipation
DC
PC
(Note 1)
625
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2
)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3S1C
Weight: 0.01 g (typ.)


Similar Part No. - 2SA2056

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2056 TOSHIBA-2SA2056 Datasheet
191Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2056 TOSHIBA-2SA2056 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SA2056

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5692 TOSHIBA-2SC5692 Datasheet
167Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5755 TOSHIBA-2SC5755 Datasheet
115Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
TPCP8602 TOSHIBA-TPCP8602 Datasheet
196Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Flash Applications
2SA2058 TOSHIBA-2SA2058_06 Datasheet
155Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2059 TOSHIBA-2SA2059_09 Datasheet
163Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2060 TOSHIBA-2SA2060_09 Datasheet
163Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2065 TOSHIBA-2SA2065_06 Datasheet
155Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6134 TOSHIBA-2SC6134 Datasheet
150Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6135 TOSHIBA-2SC6135 Datasheet
147Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com