Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX629 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 5 Page - CML Microcircuits

  FX629 Datasheet HTML 1Page - CML Microcircuits FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Codec Timing Information
Sample Rate
Bit Sequence at Decoder Input
“Run of Threes”
Output Level
(%)
(dBm0)
16kbit/s
11011011010010010010
0
-29.2
± 2
32kbit/s
1101101101010100100100100100101010110110
0
-30.0
± 2
16kbit/s
11111011010000010010
30
0
± 1
32kbits
1111110110101010000100000010010101011110
30
0
± 1
Table 1 Bit Sequence Tests and Results
at 800Hz
Digital to Analogue Performance ...... Using the bit sequence tests shown in Table 1 (below) at the
Decoder Input pin, the analogue signals measured at the Decoder Output pin are 800Hz
± 10Hz at the levels
described.
Fig.4 Codec Timing Diagrams
DECODER TIMING
ENCODER TIMING
MULTIPLEXING FUNCTION
HIGH Z
HIGH Z
t
DR
t
DF
DATA TRUE TIME
t
SU
t
H
DATA CLOCKED
t CL
DATA CLOCKED
t CH
t IF
t IR
t
PCO
t CH
ENCODER
CLOCK
ENCODER DATA
OUTPUT
DECODER
CLOCK
DECODER DATA
INPUT
ENCODER
OUTPUT
DATA ENABLE
TIMING
t
CH
Clock '1' Pulse Width
t
IR
Clock Rise Time
t
SU Data Set-up Time
t
SU + tH = Data True Time
1.0
µs Min.
100ns Typ.
450ns Min.
t
CL
Clock '0' Pulse Width
t
IF
Clock Fall Time
t
H Data Hold Time
t
PCO Clock to Output Delay Time
1.0
µs Min.
100ns Typ.
600ns Min.
750ns Max.
t
DR Data Rise Time
t
DF Data Fall Time
Xtal Input Frequency
100ns Typ.
100ns Typ.
1.024MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com