Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX631P Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX631P
Description  Low-Voltage SPM Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX631P Datasheet(HTML) 1 Page - CML Microcircuits

  FX631P Datasheet HTML 1Page - CML Microcircuits FX631P Datasheet HTML 2Page - CML Microcircuits FX631P Datasheet HTML 3Page - CML Microcircuits FX631P Datasheet HTML 4Page - CML Microcircuits FX631P Datasheet HTML 5Page - CML Microcircuits FX631P Datasheet HTML 6Page - CML Microcircuits FX631P Datasheet HTML 7Page - CML Microcircuits FX631P Datasheet HTML 8Page - CML Microcircuits FX631P Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Features
Features
Features
Features
Features
Detects 12kHz and 16kHz SPM
Detects 12kHz and 16kHz SPM
Detects 12kHz and 16kHz SPM
Detects 12kHz and 16kHz SPM
Detects 12kHz and 16kHz SPM
Frequencies
Frequencies
Frequencies
Frequencies
Frequencies
Lo
Lo
Lo
Lo
Low P
w P
w P
w P
w Po
o
o
o
ower (3.0
wer (3.0
wer (3.0
wer (3.0
wer (3.0 V
V
V
V
Volt
olt
olt
olt
olt
MIN
MIN
MIN
MIN
MIN <1.0mA)
<1.0mA)
<1.0mA)
<1.0mA)
<1.0mA)
Operation
Operation
Operation
Operation
Operation
High Speec
High Speec
High Speec
High Speec
High Speechband Rejection
hband Rejection
hband Rejection
hband Rejection
hband Rejection
Pr
Pr
Pr
Pr
Proper
oper
oper
oper
operties
ties
ties
ties
ties
PRODUCT INFORMATION
PRODUCT INFORMATION
PRODUCT INFORMATION
PRODUCT INFORMATION
PRODUCT INFORMATION
Fig.1 Functional Block Diagram
FX631
FX631
FX631
FX631
FX631 Lo
Lo
Lo
Lo
Low-V
w-V
w-V
w-V
w-Volta
olta
olta
olta
oltag
g
g
g
ge SPM Detector
e SPM Detector
e SPM Detector
e SPM Detector
e SPM Detector
T
T
T
T
Tone-Follo
one-Follo
one-Follo
one-Follo
one-Follower and P
wer and P
wer and P
wer and P
wer and Pac
ac
ac
ac
acket Mode
ket Mode
ket Mode
ket Mode
ket Mode
Outputs
Outputs
Outputs
Outputs
Outputs
Applications
Applications
Applications
Applications
Applications
Comple
Comple
Comple
Comple
Complex and/or Simple
x and/or Simple
x and/or Simple
x and/or Simple
x and/or Simple
T
T
T
T
Telephone Systems
elephone Systems
elephone Systems
elephone Systems
elephone Systems
Call-Char
Call-Char
Call-Char
Call-Char
Call-Charg
g
g
g
ge/-Log
e/-Log
e/-Log
e/-Log
e/-Logging
ging
ging
ging
ging
Systems
Systems
Systems
Systems
Systems
1
32
PERIOD
MEASURE
TONE
FOLLOWER
LOGIC
PACKET
TONE
LOGIC
DIVIDER
SIGNAL
IN (-)
AMP OUT
XTAL/CLOCK
(12kHz/16kHz)
SYSTEM
SYSTEM
SYSTEM
CLOCK IN
CLOCK
OUT
TONE FOLLOWER
OUTPUT
VSS
VDD
VBIAS
PACKET MODE
OUTPUT
SIGNAL
IN (+)
LEVEL DETECTOR
+20dB
12kHz/16kHz
XTAL
CLOCK
DIVIDERS
INPUT AMP
XTAL/CLOCK
OSCILLATOR
Brief Description
Brief Description
Brief Description
Brief Description
Brief Description
The FX631 is a low-power, system-selectable
Subscriber Pulse Metering (SPM) detector to indicate
the presence, on a telephone line, of both 12kHz and
16kHz telephone call-charge frequencies.
Deriving its input directly from the telephone line,
input amplitude/sensitivities are component adjustable to
the user's national ‘Must/Must-Not Decode’
specifications via an on-chip input amplifier, whilst the
12kHz and 16kHz frequency limits are accurately
defined by the use of an external 3.579545MHz
telephone-system Xtal or clock-pulse input.
The FX631, which demonstrates high 12kHz and
16kHz performance in the presence of both voice and
noise, can operate from either a single or differential
analogue signal input from which it will produce two
individual logic outputs.
1. Tone Follower Output - A 'tone-following' logic
output producing a “Low” level for the period of a
correct decode and a “High” level for a bad
decode or NOTONE.
2. Packet (Cumulative Tone) Mode Output - To
respond and de-respond after a cumulative 40ms
of good tone (or NOTONE) in any 48ms period.
This process will ignore small fluctuations or
fades of a valid frequency input and is available
for µProcessor ‘Wake-Up’, Minimum tone
detection, NOTONE indication or transient
avoidance.
This system (12kHz/16kHz) selectable microcircuit,
which may be line-powered, is available in 16-pin plastic
DIL and surface mount SOIC and 24-pin plastic SSOP
packages.
CML Semiconductor Products
CML Semiconductor Products
CML Semiconductor Products
CML Semiconductor Products
CML Semiconductor Products
FX631
FX631
FX631
FX631
FX631
Publication D/631/8 July 1998


Similar Part No. - FX631P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633D4 ETC-FX633D4 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
CML Microcircuits
FX633D4 CMLMICRO-FX633D4 Datasheet
299Kb / 13P
Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633P1 ETC-FX633P1 Datasheet
331Kb / 12P
Call Progress Tone Detector
More results

Similar Description - FX631P

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR?
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
LOW VOLTAGE DETECTOR
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX641 CMLMICRO-MX641 Datasheet
201Kb / 17P
Dual SPM Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com