Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX651D4 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX651D4
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651D4 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX651D4 Datasheet HTML 8Page - CML Microcircuits FX651D4 Datasheet HTML 9Page - CML Microcircuits FX651D4 Datasheet HTML 10Page - CML Microcircuits FX651D4 Datasheet HTML 11Page - CML Microcircuits FX651D4 Datasheet HTML 12Page - CML Microcircuits FX651D4 Datasheet HTML 13Page - CML Microcircuits FX651D4 Datasheet HTML 14Page - CML Microcircuits FX651D4 Datasheet HTML 15Page - CML Microcircuits FX651D4 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
13
D/651/4
System Timings (See also Table 1 on next page)
(a) SPM (12kHz) channel. Toneburst and tonegaps less than the response and de-response
delays
are ignored.
(b) Security tone (18kHz) channel. The response and de-response times are short to enable the
device to recognise the short ON-OFF bursts (20ms each).
(c) Transmit Mode. TXOP is modulated by the NRZ DATA pin. An 18kHz toneburst represents logic
"0" and "no tone" represents logic "1". Data packets with symbol periods greater than or equal to
6ms can be transmitted.
Figure 3 System Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com