Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX663P3 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX663P3
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663P3 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX663P3 Datasheet HTML 5Page - CML Microcircuits FX663P3 Datasheet HTML 6Page - CML Microcircuits FX663P3 Datasheet HTML 7Page - CML Microcircuits FX663P3 Datasheet HTML 8Page - CML Microcircuits FX663P3 Datasheet HTML 9Page - CML Microcircuits FX663P3 Datasheet HTML 10Page - CML Microcircuits FX663P3 Datasheet HTML 11Page - CML Microcircuits FX663P3 Datasheet HTML 12Page - CML Microcircuits FX663P3 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 1999 Consumer Microcircuits Limited
9
D/663/3
1.5.4
Decode Output Truth Table
D3
D2
D1
D0
Conditions
0
0
0
0
No Signal
0
0
0
1
Call Progress Dual Tones:
Will detect 350+440, 400+450, 440+480 Hz tones
0
0
1
0
Non Call Progress Signal, e.g. Voice Activity
0
0
1
1
Call Progress Dual Tone including 620Hz Detection:
Will detect 480+620 Hz tones
0
1
0
0
Special Information Tone:
Will detect 950, 1400 and 1800 Hz tones
0
1
0
1
Call Progress Single Tone:
Will detect 400, 425, 440 and 450 Hz tones
0
1
1
0
Will detect a single tone lying outside the Call Progress
Band and within the Non Call Progress signal range
0
1
1
1
Call Progress Single Tone including 620Hz Detection:
Will detect 600 and 620 Hz tones
1
0
0
0
Fax/modem High Tone:
Will detect 2100 and 2200 Hz tones
1
0
0
1
Reserved for future use
1
0
1
0
Reserved for future use
1
0
1
1
Reserved for future use
1
1
0
0
Fax/modem Low Tone:
Will detect 1200 and 1300 Hz tones
1
1
0
1
Reserved for future use
1
1
1
0
Reserved for future use
1
1
1
1
Reserved for future use
1.6
Application Notes
1.6.1
General
Apply a reset after power-up by taking the ENABLE pin low. This places the device in a powersave mode and
resets the internal circuits. It also places the data word output (D0-D3) in a high impedance state, regardless
of the level on the CSN pin.
From this mode the device can be returned to normal operation without any additional settling time, when
using the component values recommended in Figure 2. The tone response times remain the same and are
given in section 1.7.1.
An interrupt is produced when the decode state is changed. This interrupt is reset by CSN going to logic "0".
When CSN is permanently at "0", the interrupt condition is a 5 µs logic "0" pulse on the IRQN pin. When CSN
is set to logic "1", the data word output (D0-D3) goes into a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com