Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829D2 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX829D2
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829D2 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX829D2 Datasheet HTML 4Page - CML Microcircuits FX829D2 Datasheet HTML 5Page - CML Microcircuits FX829D2 Datasheet HTML 6Page - CML Microcircuits FX829D2 Datasheet HTML 7Page - CML Microcircuits FX829D2 Datasheet HTML 8Page - CML Microcircuits FX829D2 Datasheet HTML 9Page - CML Microcircuits FX829D2 Datasheet HTML 10Page - CML Microcircuits FX829D2 Datasheet HTML 11Page - CML Microcircuits FX829D2 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
8
D/829/4
1.5
General Description
The FX829 consists of five main sections: the audio filter section, the programmable attenuators, the
DTMF encoder, the FFSK transmitter and the FFSK receiver. All these sections are controlled via a
serial ("C-BUS") interface. The four sections are described below.
Audio Filtering
This consists of an input amplifier and a common audio filter section, which may be switched between
Rx and Tx. The filter section comprises an anti-alias filter followed by low-pass and high-pass filtering
with an amplitude limiter to set the maximum deviation. Three variable attenuation blocks may be
used to set the volume (in Rx) or the modulation level (in Tx). Pre- and de-emphasis can be added
externally using resistors and capacitors around AMP1, AMP2 and the microphone amplifiers, see
Figure 7. The anti-alias filter is designed to reduce aliasing effects above 50kHz which is
approximately half the internal filter's sample rate.
The filtering is designed to meet the ETS 300 086 specification.
Various powersave modes are incorporated.
MOD1 and MOD2 Attenuators
The MOD1 input can be connected directly to SUM OUT, so that the MOD1 and MOD2 outputs can
then be used for two point modulation. Alternatively, the MOD1 attenuator can be used for auxiliary
gain adjustment, in which case the input signal must be ac coupled with a suitable capacitor.
DTMF Encoder
This generates the standard DTMF tones according to the CONTROL 2 Register settings. It also has
a powersave mode.
FFSK Tx
The Tx function of the FFSK modem operates continuously in a free format mode, which means that
the preamble and frame sync have to be programmed like normal data bytes. However, a 2-byte
checksum may be generated automatically by simply marking the beginning and end of the data to be
used. Any number of whole bytes may be used to generate the checksum.
After the last byte has been transmitted one additional "hang bit" is automatically added to the end. All
Tx operations are programmed from the "C-BUS" via an 8-bit buffer. The Tx part of the FFSK modem
has a powersave mode.
The modulation output is one cycle of 1200Hz for a "1" and one and a half cycles of 1800Hz for a "0"
at 1200 baud, or one half cycle of 1200Hz for a "1" and one cycle of 2400Hz for a "0" at 2400 baud.
FFSK Rx
In Rx, the modem automatically achieves bit sync and then recognises the previously selected SYNC
and/or SYNT word of the MPT1327, ETS 300 230 or PAA1382 specifications. At the same time as
the above, it can also recognise a user programmed 16-bit RX SYNC WORD.
On reception of the SYNC, SYNT or RX SYNC WORD, the device will automatically (or manually at
any time) start checking the data and checksum. It provides a 1-bit correct/incorrect result every byte,
so that any number of bytes can be checked.
The Rx part of the FFSK modem operates at 1200 or 2400 baud and has a powersave mode. Both
FFSK Rx and Tx work in half duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com