Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX919AD2 Datasheet(PDF) 23 Page - CML Microcircuits

Part # FX919AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919AD2 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button FX919AD2 Datasheet HTML 19Page - CML Microcircuits FX919AD2 Datasheet HTML 20Page - CML Microcircuits FX919AD2 Datasheet HTML 21Page - CML Microcircuits FX919AD2 Datasheet HTML 22Page - CML Microcircuits FX919AD2 Datasheet HTML 23Page - CML Microcircuits FX919AD2 Datasheet HTML 24Page - CML Microcircuits FX919AD2 Datasheet HTML 25Page - CML Microcircuits FX919AD2 Datasheet HTML 26Page - CML Microcircuits FX919AD2 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
4-Level FSK Modem Data Pump
FX919A
© 1996 Consumer Microcircuits Limited
23
D/919A/4
Control Register B5, B4: FSTOL - Frame Sync Tolerance
These two bits have no effect in transmit mode. In receive mode, they define the maximum number of
mismatches which will be allowed during a search for the Frame Sync pattern:
B5
B4
Mismatches allowed
0
0
0
0
1
2
1
0
4
1
1
6
Note: A single 'mismatch' is defined as the difference between two adjacent symbol levels, thus if the symbol
'+1' were expected, then received symbol values of '+3' and '-1' would count as 1 mismatch, a received symbol
value of '-3' would count as 2 mismatches. A setting of '4 mismatches' is recommended for normal use.
Control Register B3, B2: LEVRES - Level Measurement Modes
These two bits have no effect in transmit mode. In receive mode they set the 'normal' operating mode of the
received signal amplitude and dc offset measuring circuits (the automatic sequencing of an AQLEV command
may temporarily override the 'normal' setting).
B3
B2
Mode
0
0
Hold
0
1
Slow Peak Detect
1
0
Lossy Peak Detect
1
1
Clamp
In normal use the LEVRES bits should be set to 'Slow Peak Detect', the other modes are intended for special
test purposes or are invoked automatically during an AQLEV sequence.
In the 'Slow' and 'Lossy' Peak Detect modes the positive and negative excursions of the received signal (after
filtering) are measured by peak rectifiers driving the DOC1 and DOC2 capacitors, to establish the amplitude of
the signal and any dc offset wrt VBIAS . The peak rectifiers are disabled in 'Hold' mode.
In 'Clamp' mode the DOC1 and DOC2 pins are connected directly to the output of the circuit that normally
drives the peak detectors.
Control Register B1, B0: PLLBW - Phase-Locked Loop Modes
These two bits have no effect in transmit mode. In receive mode, they set the 'normal' bandwidth of the Rx
clock extraction Phase Locked Loop circuit. This setting will be temporarily overridden by the automatic
sequencing of an AQSC command.
B1
B0
PLL Mode
0
0
Hold
0
1
Narrow Bandwidth
1
0
Medium Bandwidth
1
1
Wide Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com