Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX929A Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX929A
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929A Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX929A Datasheet HTML 13Page - CML Microcircuits FX929A Datasheet HTML 14Page - CML Microcircuits FX929A Datasheet HTML 15Page - CML Microcircuits FX929A Datasheet HTML 16Page - CML Microcircuits FX929A Datasheet HTML 17Page - CML Microcircuits FX929A Datasheet HTML 18Page - CML Microcircuits FX929A Datasheet HTML 19Page - CML Microcircuits FX929A Datasheet HTML 20Page - CML Microcircuits FX929A Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
17
D/929A/4
SFP: Search for Frame Preamble
This task causes the modem to search the received signal for a valid Frame Preamble, consisting of a 24-
symbol Frame Sync sequence followed by Station ID data which has a correct CRC0 checksum.
The task continues until a valid Frame Preamble has been found.
The search consists of four stages:
First of all the modem will attempt to match the incoming symbols against the Frame Synchronisation
pattern to within the tolerance defined by the FSTOL bits of the Control Register.
Once a match has been found, the modem will read in the following 'S' symbol, place it in the SVAL bits
of the Status Register then set the SRDY bit to '1'. (The IRQ bit of the Status Register will also be set to
'1' at this time if the SSIEN bit of the Mode Register is '1').
The modem will then read the next 22 symbols as station ID data. They will be decoded and the CRC0
checked. If this is incorrect, the modem will resume the search, looking for a fresh Frame Sync pattern.
If the received CRC0 is correct, the following 'S' symbol will be read into the SVAL bits of the Status
Register and the SRDY, BFREE and IRQ bits set to '1', the CRCERR bit cleared to '0', and the three
decoded Station ID bytes placed into the Data Block Buffer.
On detecting that the BFREE bit of the Status Register has gone to '1', the µC should read the 3 Station ID
bytes from the Data Block Buffer then write the next task to the modem's Command Register.
RHB: Read Header Block
This task causes the modem to read the next 69 symbols as a 'Header' Block. It will strip out the 'S' symbols
then de-interleave and decode the remaining 66 symbols, placing the resulting 10 data bytes and the 2
received CRC1 bytes into the Data Block Buffer, and setting the BFREE and IRQ bits of the Status Register to
'1' when the task is complete to indicate that the µC may read the data from the Data Block Buffer and write the
next task to the modem's Command Register.
The CRCERR bit of the Status Register will be set to '1' or '0' depending on the validity of the received CRC1
checksum bytes.
As each of the 3 'S' symbols of a block is received, the SVAL bits of the Status Register will be updated and the
SRDY bit set to '1'. (If the SSIEN bit of the Mode Register is '1', then the Status Register IRQ bit will also be set
to '1'.) Note that when the third 'S' symbol is received, the SRDY bit will be set to '1' coincidentally with the
BFREE bit also being set to '1'.
RILB: Read 'Intermediate' or 'Last' Block
This task causes the modem to read the next 69 symbols as an 'Intermediate' or 'Last' block (the µC can tell
from the 'Header' block how many blocks are in the frame, and hence when to expect the 'Last' block).
In each case, it will strip out the 3 'S' symbols, de-interleave and decode the remaining 66 symbols and place
the resulting 12 bytes into the Data Block Buffer, setting the BFREE and IRQ bits of the Status Register to '1'
when the task is complete.
If an 'Intermediate' block is received then the µC should read out all 12 bytes from the Data Block Buffer and
ignore the CRCERR bit of the Status Register, for a 'Last' block the µC need only read the first 8 bytes from the
Data Block Buffer, and the CRCERR bit in the Status Register will reflect the validity of the received CRC2
checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com