Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX929AP4 Datasheet(PDF) 23 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 19Page - CML Microcircuits FX929AP4 Datasheet HTML 20Page - CML Microcircuits FX929AP4 Datasheet HTML 21Page - CML Microcircuits FX929AP4 Datasheet HTML 22Page - CML Microcircuits FX929AP4 Datasheet HTML 23Page - CML Microcircuits FX929AP4 Datasheet HTML 24Page - CML Microcircuits FX929AP4 Datasheet HTML 25Page - CML Microcircuits FX929AP4 Datasheet HTML 26Page - CML Microcircuits FX929AP4 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
23
D/929A/4
B3
B2
Mode
0
0
Hold
0
1
Slow Peak Detect
1
0
Lossy Peak Detect
1
1
Clamp
In normal use the LEVRES bits should be set to 'Slow Peak Detect', the other modes are intended for special
test purposes or are invoked automatically during an AQLEV sequence.
In the 'Slow' and 'Lossy' Peak Detect modes the positive and negative excursions of the received signal (after
filtering) are measured by peak rectifiers driving the DOC1 and DOC2 capacitors, to establish the amplitude of
the signal and any dc offset wrt VBIAS . The peak rectifiers are disabled in 'Hold' mode.
In 'Clamp' mode the DOC1 and DOC2 pins are connected directly to the output of the circuit that normally
drives the peak detectors.
Control Register B1, B0: PLLBW - Phase-Locked Loop Modes
These two bits have no effect in transmit mode. In receive mode, they set the 'normal' bandwidth of the Rx
clock extraction Phase Locked Loop circuit. This setting will be temporarily overridden by the automatic
sequencing of an AQSC command.
B1
B0
PLL Mode
0
0
Hold
0
1
Narrow Bandwidth
1
0
Medium Bandwidth
1
1
Wide Bandwidth
The normal setting for the PLLBW bits should be 'Medium Bandwidth' when the received symbol rate and the
frequency of the receiving modem's Xtal are both within ±100ppm of nominal, except at the start of a symbol
clock acquisition sequence (AQSC) when 'WIde Bandwidth' should be selected as described in section 1.6.3.
If the received symbol rate and Xtal frequency are both within ±20ppm of nominal then selection of the 'Narrow
Bandwidth' setting will give better performance, especially through fades or noise bursts which might otherwise
pull the PLL away from its optimum timing, but in this case it is recommended that the PLLBW bits are only set
to 'Narrow Bandwidth' after the modem has been running in 'Medium Bandwidth' mode for about 200 symbol
times.
The 'Hold' setting disables the feedback loop of the PLL, which continues to run at a rate determined only by
the actual Xtal frequency and the setting of the Control Register CKDIV bits.
1.5.5.4 Mode Register
The contents of this 8-bit write only register control the basic operating modes of the modem:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com