Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2884 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2884
Description  Audio Frequency Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2884 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2884 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2884 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2884 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2884 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2884
2004-07-07
3
Ambient temperature Ta (°C)
PC – Ta
0
0.2
0.4
0.6
1.0
0
0.8
20
40
60
80
100
120
140
160
1.2
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm
2 × 0.8 t)
(2) No heat sink
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
7
6
3
1
0
0
200
600
800
1000
2
IB = 1 mA
Common emitter
Ta
= 25°C
3
4
0
400
2
4
5
7
8
6
1.6
1.2
0.8
0.4
0
0
200
400
600
800
Common emitter
VCE = 1 V
Ta
= 100°C
0
−25
25
500
3
10
50
3000
1000
300
100
30
5
0.3
3
1
10
100
30
300
DC operation
Ta
= 25°C
IC max (pulse)*
IC max (continuous)
100 ms*
1 ms*
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
Tested without a substrate.
VCEO max
10 ms*
Collector current IC (mA)
1000
500
300
100
50
30
1
3
10
30
10
100
300
1000
Common emitter
VCE = 1 V
−25
25
Ta
= 100°C
1
1
3
10
30
0.5
0.3
0.1
0.05
0.03
0.01
100
300
1000
−25
25
Ta
= 100°C
Common emitter
IC/IB = 25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com