Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2982 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2982
Description  Storobo Flash Applications Medium Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2982 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2982 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2982 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2982 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2982 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2982
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2982
Storobo Flash Applications
Medium Power Amplifier Applications
• High DC current gain and excellent linearity
: hFE (1) = 140 to 600 (VCE = 1 V, IC = 0.5 A)
: hFE (2) = 70 (min), 140 (typ.), (VCE = 1 V, IC = 2 A)
• Low saturation voltage
: VCE (sat) = 0.5 V (max) (IC = 2 A, IB = 50 mA)
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
• Complementary to 2SA1314
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
VCES
30
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
6
V
DC
IC
2
Collector current
Pulse (Note 1)
ICP
4
A
DC
IB
0.4
Base current
Pulse (Note 1)
IBP
0.8
A
PC
500
Collector power dissipation
PC
(Note 2)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Note 2: 2SC2982 mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Unit: mm
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC2982

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2982 KEXIN-2SC2982 Datasheet
339Kb / 2P
Medium Power Amplifier Applications
2SC2982-A KEXIN-2SC2982-A Datasheet
976Kb / 2P
NPN Transistors
2SC2982-A-HF KEXIN-2SC2982-A-HF Datasheet
1Mb / 2P
NPN Transistors
2SC2982-B KEXIN-2SC2982-B Datasheet
976Kb / 2P
NPN Transistors
More results

Similar Description - 2SC2982

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3420 TOSHIBA-2SC3420 Datasheet
152Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3670 TOSHIBA-2SC3670 Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
SC3279 TOSHIBA-SC3279 Datasheet
150Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com