Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2983 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2983
Description  Power Amplifier Applications Driver Stage Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2983 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2983 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2983 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2983 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2983 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2983
2005-02-01
3
Safe Operating Area
VCE (sat) – IC
fT – IC
IC – VCE
hFE – IC
Collector-emitter voltage VCE (V)
Collector current IC (A)
Collector current IC (mA)
Collector current IC (mA)
Ambient temperature Ta (°C)
Collector-emitter voltage VCE (V)
PC – Ta
Common emitter
VCE = 5 V
10
0.003
30
50
100
300
500
0.01
0.03
0.1
0.3
1
Tc = 100°C
−25
25
Common emitter
Tc = 25°C
0
0
1.0
0.2
0.4
0.6
0.8
2
4
6
8
10
12
14
1.2
IB = 2 mA
6
8
12
20
4
0
0.003
0.02
0.01
0.03
0.1
0.3
1
0.05
0.1
0.3
0.5
1
Common emitter
IC/IB = 10
Tc = 100°C
−25
25
Common emitter
VCE = 10 V
Tc = 25°C
10
−5
−10
−30
−100
−300
−1000
30
50
100
300
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
0
0
24
20
40
60
80
100
120
140
160
4
8
12
16
20
(1)
(2)
(3)
1
IC max
(continuous)
IC max (pulsed)*
DC operation
Tc = 25°C
VCEO max
100
300
30
3
10
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
1 ms*
10 ms
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com