Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3113 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3113
Description  For Audio Amplifier and Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3113 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3113 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3113 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3113 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3113 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3113
2003-03-25
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC3113
For Audio Amplifier and Switching Applications
· High DC current gain: hFE = 600~3600
· High breakdown voltage: VCEO = 50 V
· High collector current: IC = 150 mA (max)
· Small package
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
30
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
DC current gain
hFE
(Note)
VCE = 6 V, IC = 2 mA
600
¾
3600
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
¾
0.12
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
100
250
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
3.5
¾
pF
NF (1)
VCE = 6 V, IC = 0.1 mA, f = 100 Hz,
RG = 10 kW
¾
0.5
¾
Noise figure
NF (2)
VCE = 6 V, IC = 0.1 mA, f = 1 kHz,
RG = 10 kW
¾
0.3
¾
dB
Note: hFE classification A: 600~1800, B: 1200~3600
Unit: mm
JEDEC
JEITA
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Similar Part No. - 2SC3113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3113 TOSHIBA-2SC3113 Datasheet
159Kb / 3P
TRANSISTOR (FOR AUDIO AMPLFIER AND SWITCHING APPLICATIONS)
2SC3113 TOSHIBA-2SC3113 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
More results

Similar Description - 2SC3113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3112 TOSHIBA-2SC3112 Datasheet
159Kb / 3P
TRANSISTOR (FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS)
2SC5376F TOSHIBA-2SC5376F Datasheet
110Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SK3669 TOSHIBA-2SK3669 Datasheet
227Kb / 6P
Switching Regulators, for Audio Amplifier and Motor Drive Applications
2SC5376FV-A TOSHIBA-2SC5376FV-A Datasheet
161Kb / 5P
Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
logo
Kingtronics Internation...
MMBT3904 KINGTRONICS-MMBT3904 Datasheet
569Kb / 2P
For switching and amplifier applications
MMBT3906 KINGTRONICS-MMBT3906 Datasheet
495Kb / 2P
For switching and amplifier applications
MMBT8050 KINGTRONICS-MMBT8050 Datasheet
313Kb / 2P
For switching and amplifier applications
MMBT8550 KINGTRONICS-MMBT8550 Datasheet
436Kb / 2P
For switching and amplifier applications
MMBT9012 KINGTRONICS-MMBT9012 Datasheet
290Kb / 2P
For switching and amplifier applications
MMBT9013 KINGTRONICS-MMBT9013 Datasheet
327Kb / 2P
For switching and amplifier applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com